Part Number Hot Search : 
NJU7307 RT8243A SLD231VL 80WN0006 HT121K GP30G TED1212 ZSBXXX
Product Description
Full Text Search
 

To Download LA100-S06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LA 100-S/SP1
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
100 A
0629
Electrical data
I PN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance with 15 V ISN KN VC IC Vd @ 100 A max @ 200 A max 100 0 .. 200 RM min RM max 0 0 50 1 : 2000 15 22 + IS 3 180 50 A A mA V mA kV
Features
* Closed loop (compensated) current * Insulated plastic case recognized
according to UL 94-V0. transducer using the Hall effect
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 min
Special features
* I P = 0 .. 200 A * K N = 1 : 2000
Accuracy - Dynamic performance data
XG
Advantages
0.5 < 0.1 Typ Max 0.1 0.4 % % mA mA s A/s kHz
L
Overall accuracy @ IPN, T A = 25C Linearity error Offset current @ IP = 0, T A = 25C Thermal drift of IO - 10 C .. + 70C Response time 1) @ 90 % of IPN di/dt accurately followed Frequency bandwidth (- 1 dB)
IO IOT tr di/dt f
0.2
<1 > 50 DC .. 150
* * * * * * *
Excellent accuracy Very good linearity Low temperature drift Optimized response time Wide frequency bandwidth No insertion losses High immunity to external interference * Current overload capability.
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ T A = 70C Mass Standards 2) - 10 .. + 70 - 25 .. + 85 85 65 EN 50178 C C g
Applications
* AC variable speed drives and servo * Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies * Switched Mode Power Supplies * Power supplies for welding
applications. (SMPS) (UPS) motor drives
Notes :
1) 2)
With a di/dt of 50 A/s A list of corresponding tests is available.
060901/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice. page 1/2
LEM
www.lem.com
Dimensions LA 100-S/SP1
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal Terminal Terminal Terminal + M 0 : : : : supply voltage + 15 V supply voltage - 15 V measure NC
Connection
Top view Mechanical characteristics
* * * *
General tolerance Fastening Primary through-hole Connection of secondary 0.3 mm 2 holes 3.2 mm 16 x 10 mm Molex 5045-04/AG
Remarks
* IS is positive when IP flows in the direction of the arrow. * Temperature of the primary conductor should not exceed * Dynamic performances (di/dt and response time) are best * In order to achieve the best magnetic coupling, the primary * To measure nominal currents of less than 100 A, the optimum accuracy is obtained by having several primary turns (nominal current x number of turns < 100 At). windings have to be wound over the top edge of the device. with a single bar completely filling the primary hole. 100C.
060901/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice. Page 2/2
LEM
www.lem.com


▲Up To Search▲   

 
Price & Availability of LA100-S06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X